Part Number Hot Search : 
AN56NN0 CPF5US15 MAX90 MAX791 MCP9509C CHL8203 XFATM6 TLUR4401
Product Description
Full Text Search
 

To Download RL101 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  low cost low leakage and s im ilar s olvents case:jedec a - 405,molded plastic terminals: axial lead ,solderable per mil- std-202,method208 polarity: color band denotes cathode end maximum ratings and electrical characteristics ratings at 25 ambient temperature unless otherwise specified. single phase,half wave,60 hz,resistive or inductive load. for capacitive load,derate by 20%. rl 103 rl 104 rl 105 rl 106 rl 107 units maximum recurrent peak reverse voltage v rrm 200 400 600 800 1000 v max imum rms v oltage v rms 140 280 420 560 700 v maximum dc blocking voltage v dc 200 400 600 800 1000 v maxximum average forw ard rect ified current 9.5mm lead length, @t a =75 peak forw ard surge current 8.3ms single half -sine-w ave superimposed on rated load @t a =125 maximum instantaneous forw ard voltage @ 1.0 a v f v maximum reverse current @t a =25 at rated dc blocking voltage @t a =100 typical junction capacitance (note1) c j pf typical thermal resistance (note2) r ja /w operating junction temperature range t j storage temperature range t stg a - 405 high forward voltage drop high current capability 70 rl 101 a diffused junction easily cleaned witn freon,alcohol,lsopropanol mounting position: any 100 the plastic material carries u/l recognition 94v-o voltage range: 50 --- 1000 v current: 1.0 a -55----+150 100 1.0 weight: 0.008 ounces,0.23 grams i f(av) rl 102 50 15 35 2. thermal resistance f rom junction to ambient. 50.0 note: 1. measured at 1.0mhz and applied rev erse v oltage of 4.0v dc. -55----+150 50 i r 5.0 a a i fsm 30.0 1.0 50 dimensions in millimeters RL101-rl107 plastic silicon rectifiers features m echani cal d ata http://www.luguang.cn mail:lge@luguang.cn
.2 2 1 .1 4 .4 1.0 2 40 10 20 60 100 4 10 20 40 100 f=1mhz t j =25 0.6 0.8 1.0 1.2 1.4 1.6 0.01 0.02 0.06 0.04 0.1 0.2 0.4 1.0 2 4 10 100 t j =25 pulse width=300us 0 0.2 0.4 0.6 0.8 0 2550751 0 01 25 single phase hal f wave 60h z resistive or inductive load 150 1.0 1 5 10 15 25 20 30 40 35 45 20 t j =125 8.3ms single half sine-wave 24 1 0 8 100 40 60 80 amperes instantaneous forward current amperes amperes junction capacitance,pf fi g.3 -- peak forward surge current fig. 4 --typi cal juncti on capaci tance reverse voltage,volts ambient temperature, instantaneous forward voltage,volts number of cycles at 60hz fig. 1 -- forward derating curve fig. 2 -- typi cal forward characteri sti c peak forward surge current average forward current RL101-rl107 plastic silicon rectifiers ratings and charactieristic curves http://www.luguang.cn mail:lge@luguang.cn


▲Up To Search▲   

 
Price & Availability of RL101

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X